Part Number Hot Search : 
LV5230LG AM29LV MTPR104G TC4049BF 9LV16 50FXFG13 P6KE160G VN02HSP
Product Description
Full Text Search
 

To Download STGB14NC60KD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/14 july 2005 stgp14nc60kd - stgf14nc60kd STGB14NC60KD n-channel 14a - 600v - to-220/to-220fp/d 2 pak short circuit rated powermesh? igbt table 1: general features lower on-voltage drop (v cesat ) off losses include tail current lower c res / c ies ratio switching losses include diode recovery energy very soft ultra fast recovery antiparallel diode new generation products with tighter parameter distrubution description using the latest high voltage technology based on a patented strip layout, stmicroelectronics has designed an advanced family of igbts, the pow - ermesh ? igbts, with outstanding performances. the suffix ?k? identifies a family optimized for high frequency motor control applications with short cir - cuit withstand capability. applications high frequency inverters smps and pfc in both hard switch and resonant topologies motor drivers table 2: order codes figure 1: package figure 2: internal schematic diagram type v ces v ce(sat) (max) @25c i c (#) @100c STGB14NC60KD stgf14nc60kd stgp14nc60kd 600 v 600 v 600 v < 2.5 v < 2.5 v < 2.5 v 14 a 7 a 14 a to-220 1 2 3 1 2 3 1 3 to-220fp d 2 pak sales type marking package packaging STGB14NC60KDt4 gb14nc60kd d 2 pak tape & reel stgf14nc60kd gf14nc60kd to-220fp tube stgp14nc60kd gp14nc60kd to-220 tube rev.2
stgp14nc60kd - stgf14nc60kd - STGB14NC60KD 2/14 table 3: absolute maximum ratings ( ) pulse width limited by max junction temperature. table 4: thermal data electrical characteristics (t case =25c unless otherwise specified) table 5: main parameters (#) calculated according to the iterative formula: symbol parameter va lue unit STGB14NC60KD stgp14nc60kd stgf14nc60kd v ces collector-emitter voltage (v gs = 0) 600 v v ecr emitter-collector voltage 20 v v ge gate-emitter voltage 20 v i c collector current (continuous) at t c = 25c (#) 25 11 a i c collector current (continuous) at t c = 100c (#) 14 7 a i cm ( ) collector current (pulsed) 50 a i f diode rms forward current at t c = 25c 20 a p tot total dissipation at t c = 25c 80 25 w derating factor 0.64 0.20 w/c v iso insulation withstand voltage a.c.(t = 1 sec; tc = 25c) -- 2500 v t stg storage temperature ? 55 to 150 c t j operating junction temperature min. typ. max. rthj-case thermal resistance junction-case to-220 d2pak 1.56 c/w to-220fp 5.0 c/w rthj-amb thermal resistance junction-ambient 62.5 c/w t l maximum lead temperature for soldering purpose (1.6 mm from case, for 10 sec.) 300 c symbol parameter test conditions min. typ. max. unit v br(ces) collector-emitter breakdown voltage i c = 1 ma, v ge = 0 600 v i ces collector cut-off current (v ge = 0) v ce = max rating, t c = 25c v ce = max rating, t c = 125c 10 1 a ma i ges gate-emitter leakage current (v ce = 0) v ge = 20v , v ce = 0 100 na v ge(th) gate threshold voltage v ce = v ge , i c = 250 a 5 7 v v ce(sat) collector-emitter saturation voltage v ge = 15v, i c = 7a v ge = 15v, i c = 7a, tc= 125c 2.0 1.8 2.5 v v i c t c () t jmax t c ? r thj c ? v cesat max () t c i c , () -------------------------------------------------------------------------------------------------- =
3/14 stgp14nc60kd - stgf14nc60kd - STGB14NC60KD electrical characteristics (continued) table 6: dynamic table 7: switching on table 8: switching off table 9: switching energy (1) pulsed: pulse duration = 300 s, duty cycle 1.5% (2) eon is the turn-on losses when a typical diode is used in the test circuit in figure 2. if the igbt is offered in a package with a co-pack diode, the co-pack diode is used as external diode. igbts & diode are at the same temperature (25c and 125c) (3)turn-off losses include also the tail of the collector current. symbol parameter test conditions min. ty p. max. unit g fs (1) forward transconductance v ce = 15 v , i c = 7 a 3 s c ies input capacitance v ce = 25 v, f= 1 mhz, v ge = 0 760 pf c oes output capacitance 86 pf c res reverse transfer capacitance 15.5 pf q g q ge q gc total gate charge gate-emitter charge gate-collector charge v ce = 390 v, i c = 7 a, v ge = 15 v (see figure 21) 34.4 8.1 16.4 nc nc nc t scw short circuit withstand time v ce = 0.5 v br(ces) ,t j = 125c, r g = 10 , v ge = 12 v 10 s symbol parameter test conditions min. ty p. max. unit t d(on) t r (di/dt) on turn-on delay time current rise time turn-on current slope v cc = 390 v, i c = 7 a r g = 10 , v ge = 15v, tj= 25c (see figure 19) 22.5 8.5 700 ns ns a/s t d(on) t r (di/dt) on turn-on delay time current rise time turn-on current slope v cc = 390 v, i c = 7 a r g = 10 , v ge = 15v, tj= 125c (see figure 19) 22 9.5 680 ns ns a/s symbol parameter test conditions min. typ. max. unit t r (v off ) t d ( off ) t f off voltage rise time turn-off delay time current fall time v cc = 390 v, i c = 7 a, r ge = 10 , v ge = 15 v t j = 25 c (see figure 19) 60 116 75 ns ns ns t r (v off ) t d ( off ) t f off voltage rise time turn-off delay time current fall time v cc = 390 v, i c = 7 a, r ge = 10 , v ge = 15 v tj = 125 c (see figure 19) 24 196 144 ns ns ns symbol parameter test conditions min. ty p. max. unit eon (2) e off (3) e ts turn-on switching losses turn-off switching losses total switching losses v cc = 390 v, i c = 7 a r g = 10 , v ge = 15v, tj= 25c (see figure 19) 82 155 237 j j j eon (2) e off (3) e ts turn-on switching losses turn-off switching losses total switching losses v cc = 390 v, i c = 7 a r g = 10 , v ge = 15v, tj= 125c (see figure 19) 131 370 501 j j j
stgp14nc60kd - stgf14nc60kd - STGB14NC60KD 4/14 table 10: collector-emitter diode symbol parameter test condiction min. ty p. max. unit v f forward on-voltage if = 3.5 a if = 3.5 a, tj = 125 c 1.3 1.1 1.9 v v t rr t a q rr i rrm s reverse recovery time reverse recovery charge reverse recovery current softness factor of the diode if = 7 a, v r = 40 v, t j = 25 c, di/dt = 100 a/s 37 22 40 2.1 0.68 ns ns nc a t rr t a q rr i rrm s reverse recovery time reverse recovery charge reverse recovery current softness factor of the diode if = 7 a, v r = 40 v, t j = 125 c, di/dt = 100 a/s 61 34 98 3.2 0.79 ns ns nc a
5/14 stgp14nc60kd - stgf14nc60kd - STGB14NC60KD figure 3: output characteristics figure 4: transconductance figure 5: collector-emitter on voltage vs col - lector current figure 6: transfer characteristics figure 7: collector-emitter on voltage vs tem - perature figure 8: normalized gate threshold vs tem - perature
stgp14nc60kd - stgf14nc60kd - STGB14NC60KD 6/14 figure 9: normalized breakdown voltage vs temperature figure 10: capacitance variations figure 11: total switching losses vs gate re - sistance figure 12: gate charge vs gate-emitter volt - age figure 13: total switching losses vs temper - ature figure 14: total switching losses vs collector current
7/14 stgp14nc60kd - stgf14nc60kd - STGB14NC60KD figure 15: thermal impedance for to-220/ d2pak figure 16: thermal impedance for to-220fp figure 17: turn-off soa figure 18: emitter-collector diode characteristics
stgp14nc60kd - stgf14nc60kd - STGB14NC60KD 8/14 figure 19: test circuit for inductive load switching figure 20: switching waveforms figure 21: gate charge test circuit figure 22: diode recovery times waveform
9/14 stgp14nc60kd - stgf14nc60kd - STGB14NC60KD to-247 mechanical data 1 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 d1 8 0.315 e 10 10.4 0.393 e1 8.5 0.334 g 4.88 5.28 0.192 0.208 l 15 15.85 0.590 0.625 l2 1.27 1.4 0.050 0.055 l3 1.4 1.75 0.055 0.068 m 2.4 3.2 0.094 0.126 r0.4 0.015 v2 0o 4o d 2 pak mechanical data 3
stgp14nc60kd - stgf14nc60kd - STGB14NC60KD 10/14 l2 a b d e h g l6 f l3 g1 123 f2 f1 l7 l4 l5 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.7 0.017 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 .0385 0.417 l5 2.9 3.6 0.114 0.141 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 ? 3 3.2 0.118 0.126 to-220fp mechanical data
11/14 stgp14nc60kd - stgf14nc60kd - STGB14NC60KD dim. mm. inch min. typ max. min. typ. max. a 4.40 4.60 0.173 0.181 b 0.61 0.88 0.024 0.034 b1 1.15 1.70 0.045 0.066 c 0.49 0.70 0.019 0.027 d 15.25 15.75 0.60 0.620 e 10 10.40 0.393 0.409 e 2.40 2.70 0.094 0.106 e1 4.95 5.15 0.194 0.202 f 1.23 1.32 0.048 0.052 h1 6.20 6.60 0.244 0.256 j1 2.40 2.72 0.094 0.107 l 13 14 0.511 0.551 l1 3.50 3.93 0.137 0.154 l20 16.40 0.645 l30 28.90 1.137 ?p 3.75 3.85 0.147 0.151 q 2.65 2.95 0.104 0.116 to-220 mechanical data
stgp14nc60kd - stgf14nc60kd - STGB14NC60KD 12/14 tape and reel shipment d 2 pak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0.075 0.082 r 50 1.574 t 0.25 0.35 0.0098 0.0137 w 23.7 24.3 0.933 0.956 tape mechanical data
13/14 stgp14nc60kd - stgf14nc60kd - STGB14NC60KD table 11: revision history date revision description of changes 14-jun-2005 1 new release 22-jul-2005 2 complete version
stgp14nc60kd - stgf14nc60kd - STGB14NC60KD 14/14 i nformation furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the con sequence s o f use of such information nor for any infringement of patents or other rights of third parties which may result from its use. n o license is grante d b y implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publicatio n are subjec t t o change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics produ cts are no t a uthorized for use as critical components in life support devices or systems without express written approval of stmicroelectron ics. the st logo is a registered trademark of stmicroelectronics all other names are the property of their respective owners ? 2005 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STGB14NC60KD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X